Part Number Hot Search : 
GBPC5016 2SA1757 GBPC5016 EPD1024G LTC3444 AP4303 Z2618 CM4420
Product Description
Full Text Search
 

To Download AA121XH01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsubishi confidential (1/21) AA121XH01_02_00 tentative all information in this technical data sheet is tentative and subject to change without notice. 12.1? xga technical specification AA121XH01 mitsubishi electric corp. date: may.21,?04
mitsubishi confidential (2/21) AA121XH01_02_00 contents contents contents contents ? ? ? ? ? ? ? ? no. ? item page -- cover 1 -- contents 2 1 application 3 2 overview 4 3 absolute maximum ratings 5 4 electrical characteristics 5, 6, 7 5 interface pin connection 8 6 interface timing 9, 10, 11, 12 7 block diagram 13 8 mechanical specification 14, 15 9 optical characteristics 16, 17 10 reliability test condition 18 11 handling precautions for tft-lcd module 19, 20, 21
mitsubishi confidential (3/21) AA121XH01_02_00 1. application this specification applies to color tft-lcd module, AA121XH01. these specification papers are the proprietary product of mitsubishi electric corporation (?mitsubishi) and include materials protected under copyright of mitsubishi. no part of this document may be reproduced in any form or by any means without the express written permission of mitsubishi. mitsubishi does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a product specified in this document. no license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of mitsubishi or of others. mitsubishi classifies the usage of the tft-lcd module as follows. please confirm the usage before using the product. ? ? ? ? (1) standard usage computers, office equipment, factory automation equipment, test and measurement equipment, communications (2) special usage transportation equipment(automobiles, ships, trains, etc.), medical equipment, safety equipment (3) specific usage cockpit equipment, military systems, aerospace equipment, nuclear reactor control systems, life support systems and any other equipment. mitsubishi should make a contract that stipulate apportionment of responsibilities between mitsubishi and our customer. the product specified in this document is designed for ?standard usage? unless otherwise specified in this document. if customers intend to use the product for applications other than those specified for ?standard usage?, they should contact mitsubishi sales representative in advance. mitsubishi has been making continuous effort to improve the reliability of its products. customers should implement sufficient reliability design of their application equipments such as redundant system design, fail-safe functions, anti-failure features. mitsubishi assumes no responsibility for any damage resulting from the use of the product that does not comply with the instructions and the precautions specified in this document. please contact and consult a mitsubishi sales representative for any questions regarding this product.
mitsubishi confidential (4/21) AA121XH01_02_00 2. overview AA121XH01 is 12.1? color tft-lcd (thin film transistor liquid crystal display) module composed of lcd panel, driver ics, control circuit, and backlight unit. by applying 6 bit digital data, 1024 768, 260 k-color images are displayed on the 12.1? diagonal screen. input power voltage is single 3.3v for lcd driving. inverter for backlight is not included in this module. general specifications are summarized in the following table: item specification display area (mm) 245.76 184.32 (12.106-inch diagonal) number of dots 1024 3 (h) 768 (v) pixel pitch (mm) 0.240 (h) 0.240 (v) color pixel arrangement rgb vertical stripe display mode normally white number of color 260 k optimum viewing angle(contrast ratio) 6 o?clock brightness (cd/m 2 ) 320 module size (mm) 280.0 (w) 210.0 (h) 12.0 (d) module mass (g) 720 backlight unit ccfl, 2-tubes, edge-light, replaceable surface treatment antiglare and hard-coating 3h characteristic value without any note is typical value.
mitsubishi confidential (5/21) AA121XH01_02_00 3. absolute maximum ratings item symbol min. max unit power supply voltage for lcd vcc 0 4.0 v lamp voltage vl 0 2000 vrms lamp current il 0 18 marms lamp frequency fl -- 80 khz operation temperature(panel) note 1,2) t op(panel) 0 60 c operation temperature(ambient) note 2) t op(ambient) 0 60 c storage temperature note 2) t stg -20 70 c [note] 1) measured at the center of active area and at the center of panel back surface 2) top,tstg 40 c : 90%rh max. without condensation top,tstg > 40 c : absolute humidity shall be less than the value of 90%rh at 40 c without condensation. 4. electrical characteristics (1) tft-lcd ambient temperature: ta = 25 ? item symbol min. typ. max. unit remarks power supply voltages for lcd *) vcc 3.0 3.3 3.6 v note a) (see: page 6) power supply currents for lcd icc -- 470 820 ma note b) (see: page 7) permissive input ripple voltage vrp -- -- 100 mvp-p vcc=+3.3v *) at the input connector (2) backlight ta = 25 ? item symbol min. typ. max. unit remarks lamp voltage vl -- 540 -- vrms il = 12.0 marms lamp current il 6.0 12.0 13.0 marms note 1),5) ? lamp frequency fl 30 -- 60 khz note 2) 1000 -- -- ta = 25c note 3) starting lamp voltage vs 1200 -- -- vrms ta = 0c note 3) lamp life time lt 50,000 -- -- h il = 12.0 marms, continuous operation note 3),4) [note] 1) lamp current measurement method (the current meter is inserted in low voltage line.) cth ctl cth lcd module inverter a power supply
mitsubishi confidential (6/21) AA121XH01_02_00 2) lamp frequency of inverter may produce interference with horizontal synchronous frequency, and this may cause horizontal beat on the display. therefore, please adjust lamp frequency, and keep inverter as far from module as possible or use electronic shielding between inverter and module to avoid the interference. 3) lamp life time is defined as the time either when the brightness becomes 50% of the initial value, or when the starting lamp voltage does not meet the value specified in this table. 4) the life time of the backlight depends on the ambient temperature. the life time will decrease under low/high temperature. 5) please use the inverter which has symmetrical current wave form as follows, the degree of unbalance: less than 10% the ratio of wave height: less than 2 10% i ph i pl i ph : high side peak i pl : low side peak the degree of unbalance = |i ph - i pl | / irms 100(%) the ratio of wave height = i ph (or i pl ) / irms current wave form a) power and signals sequence: t1 10 ms 0 < t2 50 ms 0 < t3 50 ms 400ms ? ? t4 200 ms ? t5 0 ? t6 t1 t2 t3 data 0.9vcc 0.9vcc 0.1vcc vcc t4 t5 t6 backlight data: rgb data, dclk, hd, vd, dena 0.1vcc 0.1vcc
mitsubishi confidential (7/21) AA121XH01_02_00 vcc-dip conditions: 1) when 2.6 v vcc < 3.0 v, td 10 ms 2) when vcc < 2.6 v vcc-dip conditions should also follow the power and signals sequence. td 2.6 v 3.0 v vcc b) typical current condition: 64-gray-bar pattern 768 line mode vcc = +3.3 v, , f h = 48.4 khz, f v = 60 hz, f clk = 65 mhz
mitsubishi confidential (8/21) AA121XH01_02_00 5. interface pin connection cn 1(interface signal) used connector: fi-se20p-hf(jae) corresponding connector: fi-s20s[for discrete wire] , fi-se20m[for smt] pin no. symbol function 1 vcc +3.3v power supply 2 vcc +3.3v power supply 3 gnd 4 gnd 5 link 0- r0, r1, r2, r3, r4, r5, g0 *) 6 link 0+ r0, r1, r2, r3, r4, r5, g0 *) 7 gnd 8 link 1- g1, g2, g3, g4, g5, b0, b1 *) 9 link 1+ g1, g2, g3, g4, g5, b0, b1 *) 10 gnd 11 link 2- b2, b3, b4, b5, hd, vd, dena *) 12 link 2+ b2, b3, b4, b5, hd, vd, dena *) 13 gnd 14 clkin- clock- 15 clkin+ clock+ 16 gnd 17 n.c. this pin should be open. 18 test this pin should be open. test signal output for only internal test use. 19 test this pin should be open. test signal output for only internal test use. 20 sc high:reverse scan , low:normal scan *1) see; timing chart(p10) and lvds data mapping(p11) *2) the shielding case is connected with gnd cn 2(backlight) backlight-side connector: bhr-04vs-1 (jst) inverter-side connector: sm04(4.0)b-bhs-1(jst) pin no. symbol function 1, 2 cth vblh (high voltage) 4 ctl vbll (low voltage) vblh ? vbll = vl
mitsubishi confidential (9/21) AA121XH01_02_00 6. interface timing (1) timing specifications item symbol min. typ. max. unit frequency f clk 43.6 65 66.6 mhz ? dclk ? period t clk 15 15.4 22.9 ns horizontal active time t ha 1024 1024 1024 t clk horizontal front porch t hfp 0 24 -- t clk lcd timing horizontal back porch t hbp 4 296 -- t clk vertical active time t va 768 768 768 t h lvds dena vertical front porch t vfp 2 3 -- t h transmitter vertical back porch t vbp 1 35 -- t h input frequency f h 42.4 48.4 60 khz period t h 16.6 20.7 23.6 s hd ? low width t whl 1 136 -- t clk frequency f v 55 60 75 hz period t v 13.3 16.7 18.2 ms vd ? low width t wvl 1 6 -- t h ?? [note] 1) polarities of hd and vd are negative in this specification. 2) dena (data enable) shall always be positive polarity as shown in the timing specification. 3) dclk shall appear during all invalid period, and hd shall appear during invalid period of frame cycle. 4) lvds timing follows the timing specifications of lvds receiver ic: thc63lvdf84a(thine).
mitsubishi confidential (10/21) AA121XH01_02_00 (2) timing chart a. horizontal timing chart dclk data (r,g,b) 12 1023 1024 3 invalid data invalid data t ha t hfp t hbp t whl t h =1/f h first data last data dena hd 12 767768 3 invalid data invalid data t wvl t vfp t vbp t v =1/f v line data v d dena hd t va b. vertical timing chart
mitsubishi confidential (11/21) AA121XH01_02_00 (3) lvds data mapping cell input pin *) data p0c1 txin0 r0 p0c2 txin1 r1 p0c3 txin2 r2 p0c4 txin3 r3 p0c5 txin4 r4 p0c6 txin5 r5 p0c7 txin6 g0 p1c1 txin7 g1 p1c2 txin8 g2 p1c3 txin9 g3 p1c4 txin10 g4 p1c5 txin11 g5 p1c6 txin12 b0 p1c7 txin13 b1 p2c1 txin14 b2 p2c2 txin15 b3 p2c3 txin16 b4 p2c4 txin17 b5 p2c5 txin18 hd p2c6 txin19 vd p2c7 txin20 dena ref-clk1 txclkin dclk *): pin definition of ds90c363(ns)
mitsubishi confidential (12/21) AA121XH01_02_00 (4) color data assignment input data r data g data b data r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 color msb lsb msb lsb msb lsb black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red(63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 green(63) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 basic blue(63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 color cyan 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 magenta 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 yellow 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 white 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 red(1) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 red(2) 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 red red(62) 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 red(63) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 green(1) 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 green(2) 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 green green(62) 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 green(63) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 blue(1) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 blue(2) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 blue blue(62) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 blue(63) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 [note] 1) definition of gray scale color (n) --- n indicates gray scale level. higher n means brighter level. 2) data 1:high, 0: low
mitsubishi confidential (13/21) AA121XH01_02_00 7. block diagram s2 timing converter tft-lcd drivers(gate) backlight ccfl 1 2 4 cn2 g1 g2 g768 timing signal display data s1 s3071 s3072 power drivers(source) i/f connector power supply circuit
mitsubishi confidential (14/21) AA121XH01_02_00 8. mechanical specifications (1) front side (unit:mm)
mitsubishi confidential (15/21) AA121XH01_02_00 (2) rear side (unit:mm) [note] we recommend you referring to the detailed drawing for your design. please contact our company sales representative when you need the detailed drawing.
mitsubishi confidential (16/21) AA121XH01_02_00 9. optical characteristics ta=25c, vcc=3.3v, input signals: typ. values shown in section 6 item symbol condition min typ max unit remarks ? contrast ratio cr = = 0 350 550 -- -- *1)*3) luminance lw = = 0 250 320 -- cd/m 2 *2)*3) ? response time ? tr = = 0 -- 6 -- ms *3)*4) ?? tf = = 0 -- 19 -- ms *3)*4) ? viewing horizontal cr 10 -50 50 -65 65 -- *3) ? angle ? vertical -40 30 -75 45 -- *3) image sticking tis 2 h -- -- 2 s *5) ? red rx 0.553 0.583 0.613 ? ry 0.303 0.333 0.363 color green gx 0.300 0.330 0.360 coordinates gy = = 0 0.509 0.539 0.569 -- *3) ? blue bx 0.135 0.165 0.195 ? by 0.143 0.173 0.203 ? white wx 0.292 0.322 0.352 ? ? wy 0.308 0.338 0.368 [note] these items are measured using cs1000(minolta) for color coordinates, ezcontrast(eldim) for viewing angle and cs1000 or bm-5a(topcon) for others under the dark room condition (no ambient light) after more than 30 minutes from turning on the lamp unless noted. condition: il = 12.0 marms, fl = 55 khz *1) definition of contrast ratio cr=on(white)luminance / off(black) luminance: measurement point shown in a figure below *2) definition of luminance lw= on(white)luminance: measurement point shown in a figure below (1,1) 512 384 (1024,768) measurement point measurement point
mitsubishi confidential (17/21) AA121XH01_02_00 *3) definition of viewing angle( , ) *4) definition of response time white 90% 90% 10% 10% black tf tr luminance *5) image sticking: continuously display the test pattern shown in the figure below for two-hours. then display a completely white screen. the previous image shall not persist more than two seconds at 25c. test pattern for image sticking test black lines white area cols 510-514 rows 382-386
mitsubishi confidential (18/21) AA121XH01_02_00 10. reliability test condition ? ? ? ? (1) temperature and humidity test item conditions high temperature high humidity operation 40c, 90%rh, 240 ? h high temperature storage 70c, 96 h low temperature storage ?20c, 96 h thermal shock ? between ?20c (1h) and 70c(1h), 100 cycles (2) shock & vibration item conditions shock level: 1470m/s 2 (150g) shock waveform: half sinusoidal wave, 2ms (non-operation) number of shocks: one shock input in each direction of three mutually perpendicular axes for a total of six shock inputs vibration level: 9.8m/s 2 (1.0g) waveform: sinusoidal vibration frequency range: 5 to 500hz (non-operation) frequency sweep rate: 0.5 octave /min duration: one sweep from 5 to 500 hz in each of three mutually perpendicular axis(each x,y,z axis: 1 hour, total 3 hours) (3) judgment standard the judgment of the above tests should be made as follow: pass: normal display image, no damage of the display function. (ex. no line defect) partial transformation of the module parts should be ignored. fail: no display image, damage of the display function. (ex. line defect) ? ? ? ?
mitsubishi confidential (19/21) AA121XH01_02_00 11. handling precautions for tft-lcd module ? ? ? ? please pay attention to the followings in handling tft-lcd products; (1) assembly precaution a. please use the mounting hole on the module in installing and do not bending or wrenching lcd in assembling. and please do not drop, bend or twist lcd module in handling. b. please design display housing in accordance with the following guide lines. (a) housing case must be designed carefully so as not to put stresses on lcd all sides and not to wrench module. the stresses may cause non-uniformity even if there is no non-uniformity statically. (b) keep sufficient clearance between lcd module back surface and housing when the lcd module is mounted. approximately 1.0mm of the clearance in the design is recommended taking into account the tolerance of lcd module thickness and mounting structure height on the housing. (c) when some parts, such as, fpc cable and ferrite plate, are installed underneath the lcd module, still sufficient clearance is required, such as 0.5mm. this clearance is, especially, to be reconsidered when the additional parts are implemented for emi countermeasure. (d) design the inverter location and connector position carefully so as not to give stress to lamp cable, or not to interface the lcd module by the lamp cable. (e) keep sufficient clearance between lcd module and the others parts, such as inverter and speaker so as not to interface the lcd module. approximately 1.0mm of the clearance in the design is recommended. c. please do not push or scratch lcd panel surface with anything hard. and do not soil lcd panel surface by touching with bare hands. (polarizer film, surface of lcd panel is easy to be flawed.) d. please do not press any parts on the rear side such as source tcp, gate tcp, control circuit board and fpcs during handling lcd module. if pressing rear part is unavoidable, handle the lcd module with care not to damage them. e. please wipe off lcd panel surface with absorbent cotton or soft cloth in case of it being soiled. f. please wipe off drops of adhesives like saliva and water on lcd panel surface immediately. they might damage to cause panel surface variation and color change. g. please do not take a lcd module to pieces and reconstruct it. resolving and reconstructing modules may cause them not to work well. h. please do not touch metal frames with bare hands and soiled gloves. a color change of the metal frames can happen during a long preservation of soiled lcd modules. i. please handle metal frame carefully to avoid getting hurt because edge of metal frame is very sharp.
mitsubishi confidential (20/21) AA121XH01_02_00 j. please pay attention to handling lead wire of backlight so that it is not tugged in connecting with inverter. k. be sure to connect the cables and the connecters correctly. l. please connect the metal frame of lcd module to gnd in order to minimize the effect of external noise and emi. (2) operating precautions a. please be sure to turn off the power supply before connecting and disconnecting signal input cable. b. please do not change variable resistance settings in lcd module. they are adjusted to the most suitable value. if they are changed, it might happen lcd does not satisfy the characteristics specification. c. lcd backlight takes longer time to become stable of radiation characteristics in low temperature than in room temperature. d. the interface signal speed is very high. please pay attention to transmission line design and other high speed signal precautions to satisfy signal specification. e. a condensation might happen on the surface and inside of lcd module in case of sudden change of ambient temperature. f. please pay attention not to display the same pattern for very long time. image might stick on lcd. even if image sticking happens, it may disappear as the operation time proceeds. g. please obey the same safe instructions as ones being prepared for ordinary electronic products. (3) precautions with electrostatics a. this lcd module use cmos-ic on circuit board and tft-lcd panel, and so it is easy to be affected by electrostatics. please be careful with electrostatics by the way of your body connecting to the ground and so on. b. please remove protection film very slowly from the surface of lcd module to prevent from electrostatics occurrence. (4) storage precautions a. please do not leave the lcds in the environment of high humidity and high temperature such as 60c90%rh. b. please do not leave the lcds in the environment of low temperature; below ?20c.
mitsubishi confidential (21/21) AA121XH01_02_00 (5) safety precautions a. when you waste damaged or unnecessary lcds, it is recommended to crush lcds into pieces and wash them off with solvents such as acetone and ethanol, which should later be burned. b. if any liquid leaks out of a damaged glass cell and comes in contact with the hands, wash off thoroughly with soap and water. c. be sure to turn off the power supply when inserting or disconnecting the cable. d. inverter should be designed carefully so as not to keep working in case of detecting over current or open circuit on the lamp. (6) others a. a strong incident light into lcd panel might cause display characteristics changing inferior because of polarizer film, color filter, and other materials becoming inferior. please do not expose lcd module direct sunlight and strong uv rays. b. please pay attention to a panel side of lcd module not to contact with other materials in preserving it alone. c. for the packaging box, please pay attention to the followings; (a) packaging box and inner case for lcd are designed to protect the lcds from the damage or scratching during transportation. please do not open except picking lcds up from the box. (b) please do not pile them up more than 5 boxes. (they are not designed so.) and please do not turn over. (c) please handle packaging box with care not to give them sudden shock and vibrations. and also please do not throw them up. (d) packaging box and inner case for lcds are made of cardboard. so please pay attention not to get them wet. (such like keeping them in high humidity or wet place can occur getting them wet.)


▲Up To Search▲   

 
Price & Availability of AA121XH01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X